| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STTH110-Y bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH110-Y bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() Package information STTH110-Y 4/7 DocID025634 Rev 1 2 Package information • Epoxy meets UL94,V0 • Lead-free package • Band indicates cathode In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 7. SMBflat dimensions definitions D A L2x L L1 2x L2 2x E E1 b c |