| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STTH2L06-Y bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH2L06-Y bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() DocID026715 Rev 1 5/8 STTH2L06-Y Package information 8 2 Package information • Epoxy meets UL94,V0 • Lead-free package • Band indicates cathode In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 13. SMBflat dimensions definitions D A L2x L L1 2x L2 2x E E1 b c |