| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPS0540-Y bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS0540-Y bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() STPS0540-Y Package information Doc ID 17966 Rev 1 5/7 2 Package information ● Epoxy meets UL94, V0 ● Band indicates cathode In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 9. Footprint dimensions in mm (inches) Table 5. SOD-123 dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A 1.45 0.057 A1 0 0.1 0 0.004 A2 0.85 1.35 0.033 0.053 b 0.55 Typ. 0.022 Typ. c 0.15 Typ. 0.039 Typ. D 2.55 2.85 0.1 0.112 E 1.4 1.7 0.055 0.067 G0.25 0.01 H 3.55 3.75 0.14 0.148 H b D E A1 A2 A G c 4.00 (0.157) 0.57 (0.022) 2.70 (0.106) 0.65 (0.026) 0.65 (0.026) |