| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE16M31PX bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 75 page ![]() PWM array controller STMPE16M31PX 36/75 Doc ID 17058 Rev 2 10 PWM array controller The STMPE16M31PX integrates 8 independent PWM controllers capable of blinking and brightness control. Each of the PWM controllers can be programmed to execute a series of blinking/brightness control actions. One PWM controller could be mapped to more than one GPIO, allowing multiple GPIO outputs to share a PWM controller. Each PWM controller can be connected to any of GPIO channel through the routing network which is controlled by GPIOn_PWM_CFG register (n = GPIO channel number). Figure 8. PWM array controller Obsolete Product(s) - Obsolete Product(s) |