| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C32-RMB3T bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C32-RMB3T bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 26 page ![]() M24C64, M24C32 6/26 Figure 5. I2C Bus Protocol Table 3. Device Select Code Note: 1. The most significant bit, b7, is sent first. 2. E0, E1 and E2 are compared against the respective external pins on the memory device. Table 4. Most Significant Byte Table 5. Least Significant Byte Device Type Identifier1 Chip Enable Address2 RW b7 b6 b5 b4 b3 b2 b1 b0 Device Select Code 1010 E2 E1 E0 RW SCL SDA SCL SDA SDA START Condition SDA Input SDA Change AI00792B STOP Condition 1 23 7 89 MSB ACK START Condition SCL 1 23 7 89 MSB ACK STOP Condition b15 b14 b13 b12 b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 |