công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM3703CUS bảng dữ liệu(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM3703CUS
Giải thích chi tiết về linh kiện  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703CUS bảng dữ liệu(HTML) 66 Page - Texas Instruments

Back Button AM3703CUS Datasheet HTML 62Page - Texas Instruments AM3703CUS Datasheet HTML 63Page - Texas Instruments AM3703CUS Datasheet HTML 64Page - Texas Instruments AM3703CUS Datasheet HTML 65Page - Texas Instruments AM3703CUS Datasheet HTML 66Page - Texas Instruments AM3703CUS Datasheet HTML 67Page - Texas Instruments AM3703CUS Datasheet HTML 68Page - Texas Instruments AM3703CUS Datasheet HTML 69Page - Texas Instruments AM3703CUS Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.)(1) (continued)
BALL
PIN NAME [2]
MODE [3]
TYPE [4]
BALL RESET BALL RESET RESET REL. POWER [8]
HYS [9]
BUFFER
PULLUP
IO CELL [12]
NUMBER [1]
STATE [5]
REL. STATE MODE [7]
STRENGTH
/DOWN
[6]
(mA) [10]
TYPE [11]
gpio_35
4
IO
safe_mode
7
K2
gpmc_a3
0
O
L
L
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_36
4
IO
safe_mode
7
J4
gpmc_a4
0
O
L
L
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_37
4
IO
safe_mode
7
J3
gpmc_a5
0
O
L
L
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_38
4
IO
safe_mode
7
J2
gpmc_a6
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_39
4
IO
safe_mode
7
J1
gpmc_a7
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_40
4
IO
safe_mode
7
H1
gpmc_a8
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_41
4
IO
safe_mode
7
H2
gpmc_a9
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq2
1
I
gpio_42
4
IO
safe_mode
7
G2
gpmc_a10
0
O
H
H
7
vdds_mem
Yes
8
PU/ PD
LVCMOS
sys_ndmareq3
1
I
gpio_43
4
IO
safe_mode
7
L2
gpmc_d0
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
M1
gpmc_d1
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
M2
gpmc_d2
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
N2
gpmc_d3
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
M3
gpmc_d4
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
P1
gpmc_d5
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
P2
gpmc_d6
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
R1
gpmc_d7
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
R2
gpmc_d8
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_44
4
IO
safe_mode
7
T2
gpmc_d9
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_45
4
IO
safe_mode
7
U1
gpmc_d10
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_46
4
IO
safe_mode
7
R3
gpmc_d11
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_47
4
IO
safe_mode
7
T3
gpmc_d12
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_48
4
IO
safe_mode
7
U2
gpmc_d13
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
gpio_49
4
IO
safe_mode
7
V1
gpmc_d14
0
IO
H
H
0
vdds_mem
Yes
8
PU/ PD
LVCMOS
66
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More