| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L476RC bảng dữ liệu(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476RC bảng dữ liệu(HTML) 60 Page - STMicroelectronics |
|
60 / 232 page ![]() Pinouts and pin description STM32L476xx 60/232 DocID025976 Rev 4 2. The related I/O structures in Table 15 are: FT_l, FT_fl, FT_lu. 3. The related I/O structures in Table 15 are: FT_u, FT_lu. 4. The related I/O structures in Table 15 are: FT_a, FT_la, FT_fa, FT_fla, TT_a, TT_la. 5. The related I/O structures in Table 15 are: FT_s, FT_fs. Table 15. STM32L476xxSTM32L476xx pin definitions Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions --- 1 B2 1 PE2 I/O FT_l - TRACECK, TIM3_ETR, TSC_G7_IO1, LCD_SEG38, FMC_A23, SAI1_MCLK_A, EVENTOUT - --- 2 A1 2 PE3 I/O FT_l - TRACED0, TIM3_CH1, TSC_G7_IO2, LCD_SEG39, FMC_A19, SAI1_SD_B, EVENTOUT - --- 3 B1 3 PE4 I/O FT - TRACED1, TIM3_CH2, DFSDM_DATIN3, TSC_G7_IO3, FMC_A20, SAI1_FS_A, EVENTOUT - --- 4 C2 4 PE5 I/O FT - TRACED2, TIM3_CH3, DFSDM_CKIN3, TSC_G7_IO4, FMC_A21, SAI1_SCK_A, EVENTOUT - --- 5 D2 5 PE6 I/O FT - TRACED3, TIM3_CH4, FMC_A22, SAI1_SD_A, EVENTOUT RTC_ TAMP3/ WKUP3 1 B9 B9 6 E2 6 VBAT S - - - - 2 B8 B8 7 C1 7 PC13 I/O FT (1) (2) EVENTOUT RTC_ TAMP1/ RTC_TS/ RTC_OUT/ WKUP2 3C9 C9 8 D1 8 PC14- OSC32_IN (PC14) I/O FT (1) (2) EVENTOUT OSC32_IN 4C8 C8 9 E1 9 PC15- OSC32_OUT (PC15) I/O FT (1) (2) EVENTOUT OSC32_ OUT --- - D6 10 PF0 I/O FT_f - I2C2_SDA, FMC_A0, EVENTOUT - --- - D5 11 PF1 I/O FT_f - I2C2_SCL, FMC_A1, EVENTOUT - |