| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F411RE bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411RE bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 149 page ![]() DocID026289 Rev 6 27/149 STM32F411xC STM32F411xE Functional overview 56 3.20 Timers and watchdogs The devices embed one advanced-control timer, seven general-purpose timers and two watchdog timers. All timer counters can be frozen in debug mode. Table 4 compares the features of the advanced-control and general-purpose timers. 3.20.1 Advanced-control timers (TIM1) The advanced-control timer (TIM1) can be seen as three-phase PWM generators multiplexed on 4 independent channels. It has complementary PWM outputs with programmable inserted dead times. It can also be considered as a complete general- purpose timer. Its 4 independent channels can be used for: • Input capture • Output compare • PWM generation (edge- or center-aligned modes) • One-pulse mode output Table 4. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare channels Complemen- tary output Max. interface clock (MHz) Max. timer clock (MHz) Advanced -control TIM1 16-bit Up, Down, Up/down Any integer between1 and 65536 Yes 4 Yes 100 100 General purpose TIM2, TIM5 32-bit Up, Down, Up/down Any integer between1 and 65536 Yes 4 No 50 100 TIM3, TIM4 16-bit Up, Down, Up/down Any integer between1 and 65536 Yes 4 No 50 100 TIM9 16-bit Up Any integer between1 and 65536 No 2 No 100 100 TIM10, TIM11 16-bit Up Any integer between1 and 65536 No 1 No 100 100 |