| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L-PRIMER bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L-PRIMER bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() DocID13942 Rev 10 5/7 STM8L-PRIMER STM32-PRIMER STMPRIMER Ordering information 7 4 Ordering information The Primers are available from the STMicroelectronics sales offices and distributors. For more information and complete documentation please visit www.mcu-circle.com or the STMicroelectronics microcontroller support site www.st.com. Table 2. Order codes Order code Description Base Target MCU Flash Notes Complete evaluation tool - includes base + target board STM3242IPRIMER EvoPrimer STM32F429ZI 2 MB STM3240GPRIMER EvoPrimer STM32F407IG 1 MB STM3210GPRIMER EvoPrimer STM32F103VG 1 MB STM3210CPRIMER EvoPrimer STM32F107VC 256 KB STM32L15PRIMER EvoPrimer STM32L152VB 128 KB STM8L1526PRIMER EvoPrimer STM8L152C6 32 KB STMPRIMER accessories STM3242IPRIM-D N/A STM32F429ZI 1 MB MCU target board(1) STM3240GPRIM-D N/A STM32F407IG 1 MB MCU target board(1) STM3210GPRIM-D N/A STM32F103VG 1 MB MCU target board(1) STM3210CPRIM-D N/A STM32F107VC 256 KB MCU target board(1) STM32L15PRIM-D N/A STM32L152VB 128 KB MCU target board(1) STM8L1526PRIM-D N/A STM8L152C6 32 KB MCU target board(1) STMPRIMER- PROTO N/A Prototype N/A 5 prototyping extension boards(1) 1. For use with the EvoPrimer base which can be either ordered separately (STMPRIMER-BASE) or be part of an complete evaluation tool. STMPRIMER-BASE EvoPrimer N/A N/A EvoPrimer base for use with EvoPrimer MCU target boards and extension boards. STMPRIMER-EXT N/A N/A N/A Inertial sensor extension board(1) |