| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8240 bảng dữ liệu(PDF) 30 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8240 bảng dữ liệu(HTML) 30 Page - Motorola, Inc |
|
30 / 52 page ![]() 30 MPC8240 Integrated Processor Hardware Specifications MOTOROLA Package Description Package Description CAS/DQM[0:7] AB1 AB2 K3 K2 AC1 AC2 K1 J1 Output GVDD DRV_MEM_ ADDR 6 RAS/CS[0:7] Y4 AA3 AA4 AC4 M2 L2 M1 L1 Output GVDD DRV_MEM_ ADDR 6 FOE H1 I/O GVDD DRV_MEM_ ADDR 3, 4 RCS0 N4 I/O GVDD DRV_MEM_ ADDR 3, 4 RCS1 N2 Output GVDD DRV_MEM_ ADDR SDMA[11:0] N1 R1 R2 T1 T2 U4 U2 U1 V1 V3 W1 W2 Output GVDD DRV_MEM_ ADDR 6, 14 SDMA12/SDBA1 P1 Output GVDD DRV_MEM_ ADDR 14 SDBA0 P2 Output GVDD DRV_MEM_ ADDR PAR[0:7] AF3 AE3 G4 E2 AE4 AF4 D2 C2 I/O GVDD DRV_MEM_ DATA 6, 13, 14 SDRAS AD1 Output GVDD DRV_MEM_ ADDR 3 SDCAS AD2 Output GVDD DRV_MEM_ ADDR 3 CKE H2 Output GVDD DRV_MEM_ ADDR 3, 4 WE AA1 Output GVDD DRV_MEM_ ADDR AS Y1 Output GVDD DRV_MEM_ ADDR 3, 4 PIC Control Signals IRQ_0/S_INT C19 Input OVDD —19 IRQ_1/S_CLK B21 I/O OVDD DRV_PCI 19 IRQ_2/S_RST AC22 I/O OVDD DRV_PCI 19 IRQ_3/S_FRAME AE24 I/O OVDD DRV_PCI 19 IRQ_4/L_INT A23 I/O OVDD DRV_PCI 19 I2C Control Signals SDA AE20 I/O OVDD DRV_STD 10, 16 Table 17. MPC8240 Pinout Listing (continued) Name Pin Number Pin Type Power Supply Output Driver Type Notes Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |