công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KG450O/S bảng dữ liệu(PDF) 6 Page - Pulse A Technitrol Company

tên linh kiện KG450O/S
Giải thích chi tiết về linh kiện  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSE [Pulse A Technitrol Company]
Trang chủ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

KG450O/S bảng dữ liệu(HTML) 6 Page - Pulse A Technitrol Company

Back Button KG450O/S Datasheet HTML 2Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 3Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 4Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 5Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 6Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 7Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 8Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 9Page - Pulse A Technitrol Company KG450O/S Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1 800 ANTENNA
67
NOTE: Antennas are not to scale
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
MODEL
FREQUENCY
REP. WHIP
NMO406C
406 - 420
W152
NMO420C
420 - 440
W153
NMO440C
440 - 460
W154
NMO450C
450 - 470
W155
NMO470C
470 - 490
W156
NMO490C
490 - 512
W157
SPECIFICATIONS
GAIN
5.6 dBi
TYPE
5/8 over 1/2 wave
VSWR (see bandwidth)
1.5:1
BANDWIDTH @ 1.5
5%
BANDWIDTH @ 2.0
10%
POWER RATING
200 Watts
COLOR
Black/Stainless
WHIP
.100, enclosed coil
COAX
Order separately
MAX HEIGHT
33”
MODEL
FREQUENCY (MHz)
NMO4063CS
406 - 430
NMO4303CS
430 - 450
NMO4503CS
450 - 470
NMO4703CS
470 - 490
NMO4903CS
490 - 512
SPECIFICATIONS
GAIN
5.14 dBi
TYPE
5/8 wave
VSWR (see bandwidth)
2:1
BANDWIDTH @ 1.5
3%
BANDWIDTH @ 2.0
6%
POWER RATING
200 Watts
COLOR
Black/Chrome
COAX
Order separately
WHIP
W170, .100 non-tapered
MAX HEIGHT
19”
Base loaded 5/8 wave 3 dB UHF antenna
with integrated spring, 406 - 512 MHz.
NMO UHF gain field tunable antenna,
406 - 512 MHz. Black base, Stainless whip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com