| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP34DB02 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MP34DB02 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 17 page ![]() Absolute maximum ratings MP34DB02 10/17 DocID026103 Rev 2 4 Absolute maximum ratings Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Table 6: Absolute maximum ratings Symbol Ratings Maximum value Unit Vdd Supply voltage -0.3 to 6 V Vin Input voltage on any control pin -0.3 to Vdd +0.3 V TSTG Storage temperature range -40 to +125 °C ESD Electrostatic discharge protection 2 (HBM) kV |