công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LX1684CD bảng dữ liệu(PDF) 2 Page - Microsemi Corporation

tên linh kiện LX1684CD
Giải thích chi tiết về linh kiện  Voltage-Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1684CD bảng dữ liệu(HTML) 2 Page - Microsemi Corporation

  LX1684CD Datasheet HTML 1Page - Microsemi Corporation LX1684CD Datasheet HTML 2Page - Microsemi Corporation LX1684CD Datasheet HTML 3Page - Microsemi Corporation LX1684CD Datasheet HTML 4Page - Microsemi Corporation LX1684CD Datasheet HTML 5Page - Microsemi Corporation LX1684CD Datasheet HTML 6Page - Microsemi Corporation LX1684CD Datasheet HTML 7Page - Microsemi Corporation LX1684CD Datasheet HTML 8Page - Microsemi Corporation LX1684CD Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
 2000
Rev. 1.0, 2001-09-19
LX1684
Voltage-Mode PWM Controller
PRODUCTION
L I N F IN IT Y
D I V I S I O N
ABSOLUT E M AXI M U M RA T
ABSOLUT E M AXI M U M RA T
ABSOLUT E M AXI M U M RA T
ABSOL UT E M AXI M U M RA T I NGS (NOTE 1 )
INGS (NOTE 1 )
INGS (NOTE 1 )
INGS (NOTE 1 )
Supply Voltage (VC1) ......................................................................................18V
Supply Voltage (VCC) ........................................................................................7V
Input Voltage (CSP Pin).................................................................................. 14V
Output Drive Peak Current Source (500ns).................................................... 1.0A
Output Drive Peak Current Sink (500ns)........................................................ 1.0A
Input Voltage (SS/ENABLE Pin)...........................................................-0.3 to 6V
Operating Junction Temperature ..................................................................150°C
Storage Temperature ...................................................................-65°C to +150°C
Lead Temperature (Soldering 10 Seconds) ..................................................300°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
PACKAGE PIN OUT
PACKAGE PIN OUT
PACKAGE PIN OUT
PACKAGE PIN OUT
1
2
4
3
14
13
11
12
14-PIN SOIC
(T op View)
5
6
10
7
9
8
TDRV
N/C
V
C1
N/C
CS
N/C
V
CC
FB
N/C
SS
VCSP
GND
PG ND
BDRV
THERMA L D A TA
THERMA L D A TA
THERMA L D A TA
THERMA L D A TA
D
PACKAGE
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θθθθ
JA
165
°°°°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
FU N
FU N
FU N
F U N C TIONA L P I N D ESCRIP T
CTIONA L P I N D ESCRIP T
CTIONA L P I N D ESCRIP T
CTIONA L P I N D ESCRIP T ION
ION
ION
ION
PIN NAME
DESCRIPTION
VFB
Voltage Feedback. A 1.25V reference is connected to a resistor divider to set desired output voltage.
SS
Soft-Start And Hiccup Capacitor Pin. During start up the voltage of this pin controls the output voltage. An
internal 22k
Ω resistor and the external capacitor set the time constant for soft-startup. Soft-start does not begin
until the supply voltage exceeds the UVLO threshold. When over-current occurs, this capacitor is used for timing
hiccup. The PWM can be disabled by pulling the SS pin below 0.3V
VCSP
Positive Over-Current Threshold Input
GND
Analog ground for SS, FB, CS and VCC.
PGND
MOSFET driver power ground
TDRV
Gate Drive For Upper MOSFET.
BDRV
Gate Drive For Lower MOSFET.
VC1
Separate Supply For MOSFET Gate Drives. Connect to gate drive voltage.
CS
Over-Current Set. Connect resistor between CS pin and the source of the upper MOSFET to set current-limit
point.
VCC
IC Supply Voltage (nominal 5V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com