| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9638D bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9638D bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 14 page ![]() L9638 10/14 Figure 6. State Diagram 0 0 float 0 1 Vs NORMAL EN WUP WUP EN LIN Power -up 1 1 float 1 1 Vs TX mode RX mode 1 0 float 0 1 Vs 1 1 float 1 1 Vs HiZ HiZ X 0 0 0 SHORT CIRCUIT TxD RxD WUP LIN EN INH HiZ HiZ X 1 0 0 SLEEP float 0 float 0 0 Vs STANDBY (with LIN=1) if t (EN=0 after 1 ->0)>tgts and no wake up event EN EN TxD RxD WUP LIN EN INH TxD RxD WUP LIN EN INH TxD RxD WUP LIN EN INH float 1 float 1 0 Vs X don’t care, input signal is stable high or low HiZ internal pull up is switched off; TxD input signal may be high or low or transitioning RxD output signal is high impedance. float input signal may be high or low or transitioning if t (EN=1 after 0 ->1)>tENgs (with LIN=0) if t (EN=0 after 1 ->0)>tgts if t (LIN=0 after 1 ->0)>tLINgs t delay=t WUPgs if (LIN=1) 0 0 float 0 1 Vs NORMAL EN WUP WUP EN LIN Power -up 1 1 float 1 1 Vs TX mode RX mode 1 0 float 0 1 Vs 1 1 float 1 1 Vs HiZ HiZ X 0 0 0 SHORT CIRCUIT TxD RxD WUP LIN EN INH HiZ HiZ X 1 0 0 SLEEP float 0 float 0 0 Vs STANDBY (with LIN=1) if t (EN=0 after 1 ->0)>tgts and no wake up event EN EN TxD RxD WUP LIN EN INH TxD RxD WUP LIN EN INH TxD RxD WUP LIN EN INH float 1 float 1 0 Vs X don’t care, input signal is stable high or low HiZ internal pull up is switched off; TxD input signal may be high or low or transitioning RxD output signal is high impedance. float input signal may be high or low or transitioning if t (EN=1 after 0 ->1)>tENgs (with LIN=0) if t (EN=0 after 1 ->0)>tgts if t (LIN=0 after 1 ->0)>tLINgs t delay=t WUPgs if (LIN=1) |