| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAHEXNUT bảng dữ liệu(PDF) 2 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
BAHEXNUT bảng dữ liệu(HTML) 2 Page - Pulse A Technitrol Company |
|
2 / 4 page ![]() 46 www.pulseelectronics.com/products/antennas NOTE: Antennas are not to scale PARTS/ACCESSORIES MODEL DESCRIPTION KGREINSTALL KG glassmount reinstallation kit die cut tape MODEL DESCRIPTION HSBLADE Replacemeng blades for HS1 MODEL DESCRIPTION HS1 3/4” hole saw fits 3/8” or larger drills MODEL DESCRIPTION GROMMETS Qty 100 plastic grommet secures/ centers coax, 3/4” hole MODEL DESCRIPTION HP34 Plastic hole plug for 3/4” hole HP38 Plastic hole plug for 3/8” hole MODEL DESCRIPTION KGREINSTALLDC KG glass mount reinstallation kit die cut tape MODEL DESCRIPTION KGSWIVEL.073 KG swivel mount assembly, .073 dia KGSWIVEL.100 KG swivel mount assembly, .100 dia MODEL DESCRIPTION MM34 Rectangular mag mount housing, 3/4” hole MODEL DESCRIPTION NMOBRASSRING Nickel plated brass ring for NMO and NMOHF mounts |