| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2980IBPX-5.0 bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2980IBPX-5.0 bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 18 page ![]() Electrical Characteristics (Continued) Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: The value of θJA for the SOT-23 package is 220˚C/W and the micro SMD package is 320˚C/W. Exceeding the maximum allowable power dissipation will cause ex- cessive die temperature, and the regulator will go into thermal shutdown. Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2980 output must be diode-clamped to ground. Note 5: The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Reversing the polarity from VIN to VOUT will turn on this diode (see Application Hints). Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL). Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential. Note 8: The ON/OFF inputs must be properly driven to prevent misoperation. For details, refer to Application Hints. Note 9: See Typical Performance Characteristics curves. Basic Application Circuit DS012078-2 *ON/OFF input must be actively terminated. Tie to VIN if this function is not to be used. **Minimum Output Capacitance is 1 µF to insure stability over full load current range. More capacitance provides superior dynamic performance and additional stability margin (see Application Hints). ***Do not make connections to this pin. www.national.com 5 |