công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NTLJS3113P bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện NTLJS3113P
Giải thích chi tiết về linh kiện  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3113P bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  NTLJS3113P Datasheet HTML 1Page - ON Semiconductor NTLJS3113P Datasheet HTML 2Page - ON Semiconductor NTLJS3113P Datasheet HTML 3Page - ON Semiconductor NTLJS3113P Datasheet HTML 4Page - ON Semiconductor NTLJS3113P Datasheet HTML 5Page - ON Semiconductor NTLJS3113P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2016 − Rev. 6
1
Publication Order Number:
NTLJS3113P/D
NTLJS3113P
Power MOSFET
−20 V, −7.7 A, Single P−Channel, 2x2 mm,
WDFN Package
Features
• Recommended Replacement Device − NTLUS3A40P
• WDFN Package Provides Exposed Drain Pad for Excellent Thermal
Conduction
• 2x2 mm Footprint Same as SC−88 Package
• Lowest RDS(on) Solution in 2x2 mm Package
• 1.5 V RDS(on) Rating for Operation at Low Voltage Logic Level Gate
Drive
• Low Profile (< 0.8 mm) for Easy Fit in Thin Environments
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• DC−DC Converters (Buck and Boost Circuits)
• Optimized for Battery and Load Management Applications in
Portable Equipment such as, Cell Phones, PDA’s, Media Players, etc.
• High Side Load Switch
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±8.0
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−5.8
A
TA = 85°C
−4.4
t ≤ 5 s
TA = 25°C
−7.7
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.9
W
t ≤ 5 s
3.3
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
−3.5
A
TA = 85°C
−2.5
Power Dissipation
(Note 2)
TA = 25°C
PD
0.7
W
Pulsed Drain Current
tp = 10 ms
IDM
−23
A
Operating Junction and Storage Temperature
TJ, TSTG
−55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
−2.8
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface Mounted on FR4 Board using the minimum recommended pad size,
(30 mm2, 2 oz Cu).
www.onsemi.com
−20 V
50 mW @ −2.5 V
40 mW @ −4.5 V
RDS(on) MAX
−7.7 A
ID MAX (Note 1)
V(BR)DSS
75 mW @ −1.8 V
200 mW @ −1.5 V
G
S
P−CHANNEL MOSFET
D
J8 = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
J8MG
G
1
2
3
6
5
4
WDFN6
CASE 506AP
MARKING
DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
NTLJS3113PT1G
WDFN6
(Pb−Free) 3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
2
3
6
5
4
D
D
G
D
D
S
(Top View)
PIN CONNECTIONS
D
S
S
D
Pin 1
NTLJS3113PTAG


Số phần tương tự - NTLJS3113P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NTLJS3113P ONSEMI-NTLJS3113P Datasheet
79Kb / 6P
Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJS3113PT1G ONSEMI-NTLJS3113PT1G Datasheet
79Kb / 6P
Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTLJS3113PT1G VBSEMI-NTLJS3113PT1G Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
NTLJS3113PTAG ONSEMI-NTLJS3113PTAG Datasheet
136Kb / 6P
Power MOSFET
March, 2011 ??Rev. 5
logo
VBsemi Electronics Co.,...
NTLJS3113PTAG VBSEMI-NTLJS3113PTAG Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results

Mô tả tương tự - NTLJS3113P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com