công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UTOUTC0443 bảng dữ liệu(PDF) 2 Page - Teledyne Technologies Incorporated

tên linh kiện UTOUTC0443
Giải thích chi tiết về linh kiện  Thin-Film Cascadable Amplifier 10 to 400 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TELEDYNE [Teledyne Technologies Incorporated]
Trang chủ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC0443 bảng dữ liệu(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC0443 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC0443 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC0443 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC0443 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC0443 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC0443 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +5 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
10-400
12.0
±0.7
5.0
+4.0
2.0:1
2.0:1
—
—
—
—
MHz
dB
dB
dB
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-400
13.2
±0.1
3.6
+5.5
1.3:1
1.6:1
+19.0
+25.0
+32.0
10
10-400
12.5
±0.7
4.5
+4.5
2.0:1
2.0:1
—
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
DC Current
BW
GP
—
NF
P1dB
—
—
IP3
IP2
HP2
ID
Typical Performance Over Temperature (@ +5 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
Note:
A portion of any DC voltage applied to the RF input pin will appear at the RF output pin (i.e., a
resistive DC path exists between pins). There is no input or output blocking capacitor.
14.0
0
Gain
Frequency, MHz
100
13.5
13.0
12.5
200
4.5
Frequency, MHz
4.0
3.5
3.0
Noise Figure
300
0
100
200
300
400
400
500
7
Power Output
Frequency, MHz
0
100
6
5
4
2.25
Input VSWR
Frequency, MHz
2.00
Output VSWR
Frequency, MHz
200
400
2.00
1.75
1.50
0
100
200
400
300
500
0
100
200
400
300
500
1.75
300
1.00
1.25
1.50
1.25
22
Third-Order Intercept Point
Frequency, MHz
20
18
Second-Order Intercept Point
Frequency, MHz
35
0
100
200
400
25
16
300
0
100
200
400
300
30
20



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com