| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCF4069UM013TR bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4069UM013TR bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() HCF4069UB 2/7 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage. RECOMMENDED OPERATING CONDITIONS PIN No SYMBOL NAME AND FUNCTION 1, 3, 5, 9, 11, 13 A, B, C, D, E, F Data Inputs 2, 4, 6, 8, 10, 12 G, H, I, J, K, L Data Outputs 7 VSS Negative Supply Voltage 14 VDD Positive Supply Voltage INPUTS OUTPUTS A, B, C, D, E, F G, H, I, J, K, L LH HL Symbol Parameter Value Unit VDD Supply Voltage -0.5 to +22 V VI DC Input Voltage -0.5 to VDD + 0.5 V II DC Input Current ± 10 mA PD Power Dissipation per Package 200 mW Power Dissipation per Output Transistor 100 mW Top Operating Temperature -55 to +125 °C Tstg Storage Temperature -65 to +150 °C Symbol Parameter Value Unit VDD Supply Voltage 3 to 20 V VI Input Voltage 0 to VDD V Top Operating Temperature -55 to 125 °C |