| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S2-LP bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LP bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 90 page ![]() Typical application diagram and pin description S2-LP 12/90 DocID029944 Rev 1 Figure 3: Suggested application diagram (embedded SMPS not used) Table 2: Description of the external components of the typical application diagrams Components SMPS ON SMPS OFF Description C0 X X Decoupling capacitor for on-chip voltage regulator to digital part C1 X - SMPS LC filter capacitors C2, C3 X X Crystal loading capacitors C4 X X Decoupling capacitor for on-chip voltage regulator to synthesizer (LF part) C5 X X Decoupling capacitor for band-gap voltage reference of VCO regulator C6 X X Decoupling capacitor for on-chip voltage regulator to LNA-MIXER C29, C30, C31, C32 X X TX LC filter/matching capacitors C11, C13, C16, C21 X X DC blocking capacitors C10, C14, C17 X X RF balun/matching capacitors L0 X - SMPS LC filter inductor L7 X X RF choke inductor or resonating inductor (upon RF network topology) L8, L9, L10 X X TX LC filter/matching inductors S2-LPQTR VDD SMPS SMPS1 SMPS2 XOUT XIN SDN VSMPS2 VBATT VBATT SHUTDOWN DIGITAL INTERFACE C0 C2 C3 XTAL C4 C5 C6 C10 C16 C30 C31 C32 C21 C17 L7 L9 L10 L6 L5 C11 C13 C14 L3 L8 C28 C29 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 SCLK SDI SDO VDD DIG/RX RX- RX+ EXT 1.4-1.8 V ≡ VSMPS2 |