| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RVDK bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RVDK bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() Ordering the RVDK RVDK 2/3 Ordering the RVDK ● STR79-RVDK – RVDK Full Edition for STR7 and STR9. Includes RealView ICE-ME, debugging software and C compilation tools (without C++ extension). Note: The ordering code STR79-RVDK replaces the STR7-RVDK code that was previously used to order the RVDK Full Edition for STR7. ● STR9-RVDK/BAS – RVDK Basic Edition for STR9 with 1-year license. Includes RealView ICE-ME, debugging software and C compilation tools (without C++ extension). ● STR7-RVDK/BAS – RVDK Basic Edition for STR7 with 1-year license. Includes RealView ICE-ME, debugging software and C compilation tools (without C++ extension). ● STR79-RVDK/CPP – Optional C++ extension for the RealView compilation tools. ● STR79-RVDK/UPG – Upgrade for RVDK Basic Edition (1-year license) to the RVDK Full Edition (STR79-RVDK). ● STR-RVICE/ME – RealView ICE-ME in-circuit debugger programmer. Includes 45-day trial version of the RealView debugging software and C compilation tools. Upgrade ordering codes for RVDK for STR7 users: ● STR79-RVDK/9 – Upgrade RVDK for STR7 to RVDK for STR7/9. ● STR79-RVDKCPP/9 – Upgrade RVDK for STR7 with C++ extension to RVDK for STR7/9 with C++ extension. RVDK for ST will continue to be available from and supported by STMicroelectronics for ST's ARM7TDMI (STR7) and ARM966E (STR9) core-based MCUs. However this tool package will not support ST microcontrollers that use future ARM cores. For support of current and future ARM core-based MCUs, ARM has introduced a new tool package RealView Microcontroller Development Kit for ARM based on the ARM compilation tools and the Keil uVision3 IDE. For more information The microcontroller support site on www.st.com provides a number of free tool and microcontroller support features including software downloads, on-line product selector, user groups and complete documentation. Revision history Table 2. Document revision history Date Revision Changes 06-Sep-2006 1 Initial release. 09-Feb-2009 2 Revision number on cover page corrected. Cover page content restructured. No technical changes. Obsolete Product(s) - Obsolete Product(s) |