| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CIF07 bảng dữ liệu(PDF) 1 Page - TEMEX |
|
|
|||||||||||||||||||||||||||||
CIF07 bảng dữ liệu(HTML) 1 Page - TEMEX |
|
1 / 6 page ![]() Digital pulse compression module CI F07 Dual Expander October 15 th, 2015 CI F07 Dual Expander Revision A1 1 / 6 www.rakon.com To make an enquiry please email: info@rakon.fr Product description CI F07 unit includes two digital pulse expander channels housed in a single unit. The pulse expander generates a frequency coded pulse, also called a chirp. Pulse output is IF analog. CI F07 may be customized by Rakon to generate linear or non linear chirps. CI F07 may be used as a replacement of existing SAW based pulse expander to overcome device obsolescence or enhance RADAR performances. CI F07 behavior and performances are reproducible from one unit to the other. No matching is needed. Rakon will customize pulse expander chirp according to the characteristics requested by the customer (Chirp duration, bandwidth, chirp slope …). The unit is provided with FPGA firmware loaded, including pulse expander waveforms. Features Dual channel pulse expander unit IF analog I/Os Two Selectable Waveforms for each channel High precision clock BITE function High Time dispersion. Applications SAW based pulse compression RADARS upgrade FMCW RADARs |
Số phần tương tự - CIF07 |
|
Mô tả tương tự - CIF07 |