| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F429I-DISC1 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429I-DISC1 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() System requirements 32F429IDISCOVERY 2/4 DocID025210 Rev 4 System requirements Windows® OS (XP, 7, 8) USB Type-A to Mini-B cable Development toolchains IAR® EWARM (IAR Embedded Workbench®) Keil® MDK-ARM™ GCC-based IDEs (free AC6: SW4STM32, Atollic® TrueSTUDIO®,...) ARM® mbed™ online Demonstration software The demonstration software is preloaded in the MCU Flash memory. It displays on the screen icons to run different applications: clock/calendar, a game, a video player and an image browser, performance monitoring and system information. The latest versions of the demonstration source code and associated documentation can be downloaded from the www.st.com/stm32f4-discovery webpage. Product marking Tools marked as "ES" or "E" are not yet qualified and as such, they may be used only for evaluation purposes. ST shall not be liable for any consequences related with other ways of use of such non-qualified tools, for example, as reference design or for production. Examples of location of "E" or "ES" marking: on target STM32 microcontroller part mounted on the board (for illustration, refer to section “Package information” of a STM32 datasheet at www.st.com) next to the evaluation tool ordering part number, as a label stuck or a silk-screen printed on the board |