| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
32F0308DISCOVERY bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
32F0308DISCOVERY bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() System requirements 32F0308DISCOVERY 2/3 DocID025096 Rev 2 System requirements • Windows PC (XP, 7, 8) • USB type A to Mini-B cable. Development toolchains • IAR EWARM (IAR Embedded Workbench®) • Keil® MDK-ARM™ • GCC-based IDE (ARM® Atollic® TrueSTUDIO®,...). Demonstration software The demonstration software is preloaded in the board Flash memory. It uses the user button B1 to change the blinking frequency of the green LED LD3. Each click on the button is confirmed by the blue LED LD4. The latest versions of the demonstration source code and associated documentation can be downloaded from www.st.com/stm32f0-discovery. Ordering information To order the Discovery kit for STM32F030 Value Line microcontrollers, use the STM32F0308-DISCO order code. Revision history Table 1. Document revision history Date Revision Changes 29-Aug-2013 1 Initial version. 29-Sep-2014 2 Updated Section : Features and Section : Description to introduce STM32CubeF0 and STSW-STM32140. Updated Section : System requirements and Section : Development toolchains. |