| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F016-120SIB bảng dữ liệu(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016-120SIB bảng dữ liệu(HTML) 7 Page - Advanced Micro Devices |
|
7 / 36 page ![]() Am29F016 7 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of: TEMPERATURE RANGE C= Commercial (0 °C to +70°C) I = Industrial (-40 °C to +85°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) DEVICE NUMBER/DESCRIPTION Am29F016 16 Megabit (2M x 8-Bit) CMOS Flash Memory 5.0 Volt-only Program and Erase AM29F016 -75 E I Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In B SPEED OPTION See Product Selector Guide and Valid Combinations Valid Combinations AM29F016-75 EC, EI, FC, FI, SC, SI AM29F016-90 AM29F016-120 EC, ECB, EI, EIB, FC, FCB, FI, FIB, SC, SCB, SI, SIB AM29F016-150 |