| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F016-120FIB bảng dữ liệu(PDF) 32 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016-120FIB bảng dữ liệu(HTML) 32 Page - Advanced Micro Devices |
|
32 / 36 page ![]() 32 Am29F016 AC CHARACTERISTICS Write/Erase/Program Operations Alternate CE Controlled Writes Notes: 1. This does not include the preprogramming time. 2. Not 100% tested. Parameter Symbol Parameter Description Speed Options (Notes 1 and 2) Unit JEDEC Standard -75 -90 -120 -150 tAVAV tWC Write Cycle Time Min 70 90 120 150 ns tAVEL tAS Address Setup Time Min 0000 ns tELAX tAH Address Hold Time Min 40455050 ns tDVEH tDS Data Setup Time Min 40455050 ns tEHDX tDH Address Hold Time Min 0000 ns tOES Output Enable Setup Time (Note 2) Min 0000 ns tOEH Output Enable Hold Time Read (Note 2) Min 0000 ns Toggle Bit I and Data Polling (Note 2) Min 10101010 ns tGHEL tGHEL Read Recover Time Before Write Min 0000 ns tWLEL tWS CE Setup Time Min 0000 ns tEHWH tWH CE Hold Time Min 0000 ns tELEH tCP Write Pulse Width Min 40 45 50 50 ns tEHEL tCPH Write Pulse Width High Min 20 20 20 20 ns tWHWH1 tWHWH1 Byte Programming Operation Typ 7777 µs tWHWH2 tWHWH2 Sector Erase Operation (Note 1) Typ 1111 sec Max 8888 sec |