công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F016-150SI bảng dữ liệu(PDF) 36 Page - Advanced Micro Devices

tên linh kiện AM29F016-150SI
Giải thích chi tiết về linh kiện  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150SI bảng dữ liệu(HTML) 36 Page - Advanced Micro Devices

Back Button AM29F016-150SI Datasheet HTML 28Page - Advanced Micro Devices AM29F016-150SI Datasheet HTML 29Page - Advanced Micro Devices AM29F016-150SI Datasheet HTML 30Page - Advanced Micro Devices AM29F016-150SI Datasheet HTML 31Page - Advanced Micro Devices AM29F016-150SI Datasheet HTML 32Page - Advanced Micro Devices AM29F016-150SI Datasheet HTML 33Page - Advanced Micro Devices AM29F016-150SI Datasheet HTML 34Page - Advanced Micro Devices AM29F016-150SI Datasheet HTML 35Page - Advanced Micro Devices AM29F016-150SI Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
Am29F016
PHYSICAL DIMENSIONS
TSR048
48-Pin Reversed Thin Small Outline Package
Trademarks
Copyright © 1997 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies
48
25
1
24
18.30
18.50
19.80
20.20
11.90
12.10
SEATING PLANE
0.05
0.15
0.50 BSC
0.95
1.05
16-038-TS48
TSR048
DA104
8-8-94 ae
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0.25MM (0.0098") BSC
0
°
5
°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36