| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F032B-90 bảng dữ liệu(PDF) 12 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F032B-90 bảng dữ liệu(HTML) 12 Page - Advanced Micro Devices |
|
12 / 39 page ![]() Am29F032B 11 Note: All sectors are 64 Kbytes in size. Autoselect Mode The autoselect mode provides manufacturer and de- vice identification, and sector group protection verifica- tion, through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming equipment to automatically match a device to be pro- grammed with its corresponding programming algo- rithm. However, the autoselect codes can also be accessed in-system through the command register. When using programming equipment, the autoselect mode requires V ID (11.5 V to 12.5 V) on address pin A9. Address pins A6, A1, and A0 must be as shown in Table 3. In addition, when verifying sector group pro- tection, the sector group address must appear on the appropriate highest order address bits (see Table 4). Table 3 also shows the remaining address bits that are don’t care. When all necessary bits have been set as required, the programming equipment may then read the corresponding identifier code on DQ7-DQ0. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in Table 5. This method does not require V ID on an address line. Refer to the Autoselect Command Sequence section for more in- formation. Table 3. Am29F032B Autoselect Codes Note: Identifier codes for manufacturer and device IDs exhibit odd parity with DQ7 defined as the parity bit. SA44 1 0 1 1 0 0 64K 2C0000h–2CFFFFh SA45 1 0 1 1 0 1 64K 2D0000h–2DFFFFh SA46 1 0 1 1 1 0 64K 2E0000h–2EFFFFh SA47 1 0 1 1 1 1 64K 2F0000h–2FFFFFh SA48 1 1 0 0 0 0 64K 300000h–30FFFFh SA49 1 1 0 0 0 1 64K 310000h–31FFFFh SA50 1 1 0 0 1 0 64K 320000h–32FFFFh SA51 1 1 0 0 1 1 64K 330000h–33FFFFh SA52 1 1 0 1 0 0 64K 340000h–34FFFFh SA53 1 1 0 1 0 1 64K 350000h–35FFFFh SA54 1 1 0 1 1 0 64K 360000h–36FFFFh SA55 1 1 0 1 1 1 64K 370000h–37FFFFh SA56 1 1 1 0 0 0 64K 380000h–38FFFFh SA57 1 1 1 0 0 1 64K 390000h–39FFFFh SA58 1 1 1 0 1 0 64K 3A0000h–3AFFFFh SA59 1 1 1 0 1 1 64K 3B0000h–3BFFFFh SA60 1 1 1 1 0 0 64K 3C0000h–3CFFFFh SA61 1 1 1 1 0 1 64K 3D0000h–3DFFFFh SA62 1 1 1 1 1 0 64K 3E0000h–3EFFFFh SA63 1 1 1 1 1 1 64K 3F0000h–3FFFFFh Table 2. Am29F032B Sector Address Table (Continued) Sector A21 A20 A19 A18 A17 A16 Sector Size Address Range Description A21-A18 A17-A10 A9 A8-A7 A6 A5-A2 A1 A0 Identifier Code on DQ7-DQ0 Manufacturer ID: AMD X X V ID XV IL XV IL V IL 01h Device ID: Am29F032B X X V ID XV IL XV IL V IH 41h Sector Group Protection Verification Sector Group Address XV ID XV IL XV IH V IL 01h (protected) 00h (unprotected) |