| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29F016-75 bảng dữ liệu(PDF) 22 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016-75 bảng dữ liệu(HTML) 22 Page - Advanced Micro Devices |
|
22 / 36 page ![]() 22 Am29F016 ABSOLUTE MAXIMUM RATINGS Storage Temperature Plastic Packages . . . . . . . . . . . . . . . –65 °C to +125°C Ambient Temperature with Power Applied. . . . . . . . . . . . . . –55 °C to +125°C Voltage with Respect to Ground All pins except A9 (Note 1). . . . . . . . . –2.0 V to +7.0 V VCC (Note 1). . . . . . . . . . . . . . . . . . . .–2.0 V to +7.0 V A9, OE, RESET (Note 2) . . . . . . . . . –2.0 V to +13.5 V Output Short Circuit Current (Note 3) . . . . . . 200 mA Notes: 1. Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, inputs may overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on output and I/O pins is VCC + 0.5 V. During voltage transitions, outputs may overshoot to VCC + 2.0 V for periods up to 20 ns. 2. Minimum DC input voltage on A9, OE, RESET pins is –0.5 V. During voltage transitions, A9, OE, RESET pins may overshoot VSS to –2.0 V for periods of up to 20 ns. Maximum DC input voltage on A9 is +12.5 V which may overshoot to 14.0 V for periods up to 20 ns. 3. No more than one output shorted at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under “Absolute Maximum Rat- ings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure of the de- vice to absolute maximum rating conditions for extended peri- ods may affect device reliability. OPERATING RANGES Commercial (C) Devices Case Temperature (TC). . . . . . . . . . . . . .0°C to +70°C Industrial (I) Devices Case Temperature (TC). . . . . . . . . . . .–40°C to +85°C VCC Supply Voltages VCC for Am29F016-75 . . . . . . . . . +4.75 V to +5.25 V VCC for Am29F016-90, 120, 150. . +4.50 V to +5.50 V Operating ranges define those limits between which the functionality of the device is guaranteed. |