công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4007BCP-REEL7 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADF4007BCP-REEL7
Giải thích chi tiết về linh kiện  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4007BCP-REEL7 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADF4007BCP-REEL7 Datasheet HTML 5Page - Analog Devices ADF4007BCP-REEL7 Datasheet HTML 6Page - Analog Devices ADF4007BCP-REEL7 Datasheet HTML 7Page - Analog Devices ADF4007BCP-REEL7 Datasheet HTML 8Page - Analog Devices ADF4007BCP-REEL7 Datasheet HTML 9Page - Analog Devices ADF4007BCP-REEL7 Datasheet HTML 10Page - Analog Devices ADF4007BCP-REEL7 Datasheet HTML 11Page - Analog Devices ADF4007BCP-REEL7 Datasheet HTML 12Page - Analog Devices ADF4007BCP-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADF4007
Rev. 0 | Page 9 of 16
THEORY OF OPERATION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 9. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
100k
Ω
NC
REFIN
NC
NO
SW1
SW2
BUFFER
SW3
TO R COUNTER
POWER-DOWN
CONTROL
Figure 9. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 10 . It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the prescaler.
500
Ω
1.6V
500
Ω
AGND
BIAS
GENERATOR
RFINA
RFINB
AVDD
Figure 10. RF Input Stage
PRESCALER P
The prescaler, operating at CML levels, takes the clock from the
RF input stage and divides it down to a manageable frequency
for the PFD. The prescaler can be selected to be either 8, 16, 32,
or 64, and is effectively the N value in the PLL synthesizer. The
terms N and P are used interchangeably in this data sheet. N1
and N2 set the prescaler values. The prescaler value should be
chosen so that the prescaler output frequency is always less than
or equal to 120 MHz, the maximum specified PFD frequency.
Thus, with an RF frequency of 4 GHz, a prescaler value of 64 is
valid, but a value of 32 or less is not valid.
2
]
[
REFIN
VCO
f
N
f
×
=
R COUNTER
The R counter is permanently set to 2. It allows the input
reference frequency to be divided down by 2 to produce the
reference clock to the phase frequency detector (PFD).
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and the N counter
(prescaler, P) and produces an output proportional to the phase
and frequency difference between them. Figure 11 is a
simplified schematic. The PFD includes a fixed, 3 ns delay
element that controls the width of the antibacklash pulse. This
pulse ensures that there is no dead zone in the PFD transfer
function and minimizes phase noise and reference spurs.
LOGIC HI
D1
D2
Q1
Q2
CLR1
CLR2
CP
U1
U2
UP
DOWN
CPGND
U3
R DIVIDER
3ns
DELAY
N DIVIDER
VP
CHARGE
PUMP
LOGIC HI
Figure 11. PFD Simplified Schematic and Timing (In Lock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com