công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX90316 bảng dữ liệu(PDF) 7 Page - Melexis Microelectronic Systems

tên linh kiện MLX90316
Giải thích chi tiết về linh kiện  Rotary Position Sensor IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316 bảng dữ liệu(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90316 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 7 of 45
Jul/13
Rev10
3. Glossary of Terms
−
−
−
− Abbreviations −
−
−
− Acronyms
Gauss (G), Tesla (T): Units for the magnetic flux density − 1 mT = 10 G
TC: Temperature Coefficient (in ppm/Deg.C.)
NC: Not Connected
PWM: Pulse Width Modulation
%DC: Duty Cycle of the output signal i.e. TON /(TON + TOFF)
ADC: Analog-to-Digital Converter
DAC: Digital-to-Analog Converter
LSB: Least Significant Bit
MSB: Most Significant Bit
DNL: Differential Non-Linearity
INL: Integral Non-Linearity
RISC: Reduced Instruction Set Computer
ASP: Analog Signal Processing
DSP: Digital Signal Processing
ATAN: trigonometric function: arctangent (or inverse tangent)
IMC: Integrated Magneto-Concentrator (IMC®)
CoRDiC: Coordinate Rotation Digital Computer (i.e. iterative rectangular-to-polar transform)
EMC: Electro-Magnetic Compatibility
4. Pinout
Pin #
SOIC-8
TSSOP-16
Analog / PWM
Serial Protocol
Analog / PWM
Serial Protocol
1
VDD
VDD
VDIG1
VDIG1
2
Test 0
Test 0
VSS1 (Ground1)
VSS1 (Ground1)
3
Switch Out
/SS
VDD1
VDD1
4
Not Used / Out 2(1)
SCLK
Test 01
Test 01
5
Out
MOSI / MISO
Switch Out2
/SS2
6
Test 1
Test 1
Not Used2
SCLK2
7
VDIG
VDIG
Out2
MOSI2 / MISO2
8
VSS (Ground)
VSS (Ground)
Test 12
Test 12
9
VDIG2
VDIG2
10
VSS2 (Ground2)
VSS2 (Ground2)
11
VDD2
VDD2
12
Test 02
Test 02
13
Switch Out1
/SS1
14
Not Used1
SCLK1
15
Out1
MOSI1 / MISO1
16
Test 11
Test 11
For optimal EMC behavior, it is recommended to connect the unused pins (Not Used and Test) to the
Ground (see section 17).
1
MLX90316xDC-BCS includes a programmable second output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com