| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT51AQ-R bảng dữ liệu(PDF) 27 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT51AQ-R bảng dữ liệu(HTML) 27 Page - Future Technology Devices International Ltd. |
|
27 / 43 page ![]() Copyright © Future Technology Devices International Limited 27 FT51A Advanced MCU with 8051 Compatible Core IC Datasheet Version 1.5 Doc ument N o.: FT _000877 C learance N o.: FT DI#420 6 Connection Examples The following sections illustrate possible connections of the FT51A. 6.1 USB Upstream and downstream port connections (48pin package) Figure 6-1 Application Example showing USB upstream and downstream connection(48pin package) Shown above are the necessary connections to connect the upstream & downstream USB ports. The debugger module is also included for added information should it be required. |