| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2DP bảng dữ liệu(PDF) 67 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB2DP bảng dữ liệu(HTML) 67 Page - Future Technology Devices International Ltd. |
|
67 / 88 page ![]() 67 C opyright © Future T ec hnology Devic es I nternational Limited Datasheet Vinculum-II Embedded Dual USB Host Controller IC V ers ion 1 .7 Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43 8.4 Precompiled Firmware VNC2 can be programmed with various pre-compiled firmware profiles to allow a designer to easily change the functionality of the chip. The following pre-compiled ROM files are currently available: V2DAP firmware: USB Host for single Flash Disk and general purpose USB peripherals. Selectable UART, FIFO or SPI interface command monitor. Offers a migration path from VNC1L designs with VDAP firmware. V2DPS firmware: USB Host for single Flash Disk and general purpose USB peripherals and USB peripheral emulating a FT232 on a Host computer. Offers a migration path for VNC1L designs with VDPS. V2F2F firmware: USB Host for two Flash Disks with file copy functions. Offers a migration path for VNC1L designs with VF2F firmware. CDC Modem Sample Application: Demonstrates connection of a CDC device to USB Port 1 by establishing a link between the CDC device and the UART of the VNC2. USBHost FT232 UART Echo Sample Application: Demonstrates emulation of a FTDI FT232 device on USB Port 1. Data is looped back. Designers are advised to refer to the FTDI website for the most current details on available Firmware. |