| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT120T-R bảng dữ liệu(PDF) 31 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT120T-R bảng dữ liệu(HTML) 31 Page - Future Technology Devices International Ltd. |
|
31 / 40 page ![]() Copyright © 2014 Future Technology Devices International Limited 31 Document No.: FT_000646 FT120 USB DEVICE CONTROLLER WITH PARALLEL BUS IC Datasheet Version 1.2 Clearance No.: FTDI# 291 9 Package Parameters The FT120 is available in two different packages. The FT120T is the TSSOP-28 package option and the FT120Q is the QFN-28 package option. The solder reflow profile for both packages is described in Section 9.5. 9.1 TSSOP-28 Package Dimensions Figure 9-1 TSSOP-28 Package Dimensions Pin 1 ID MARK 1 2 3 N CL CL E1 4 E D 3 e b SEATING PLANE A1 A2 A |