| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2953I-3.3 bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2953I-3.3 bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 22 page ![]() All Voltage Options (Continued) Electrical Characteristics (Continued) Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the device outside of its rated operating conditions. Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ–A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using the equation for P(MAX), . Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. See APPLICATION HINTS for additional information on heatsinking and thermal resistance. Note 3: When used in dual-supply systems where the regulator load is returned to a negative supply, the output voltage must be diode-clamped to ground. Note 4: May exceed the input supply voltage. Note 5: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range. Note 6: Load regulation is measured at constant junction temperature using low duty cycle pulse testing. Two separate tests are performed, one for the range of 100 µA to 1 mA and one for the 1 mA to 250 mA range. Changes in output voltage due to heating effects are covered by the thermal regulation specification. Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential. At very low values of programmed output voltage, the input voltage minimum of 2V (2.3V over temperature) must be observed. Note 8: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current, output load current, and current through the external resistive divider (if used). Note 9: VSHUTDOWN ≤ 1.1V, VOUT =VO(NOM). Note 10: Thermal regulation is the change in output voltage at a time T after a change in power dissipation, excluding load or line regulation effects. Specifications are for a 200 mA load pulse at VIN =VO(NOM)+15V (3W pulse) for T = 10 ms. Note 11: Connect a 0.1 µF capacitor from the output to the feedback pin. Note 12: VREF ≤ VOUT ≤ (VIN − 1V), 2.3V ≤ VIN ≤ 30V, 100 µA ≤ IL ≤ 250 mA. Note 13: Two separate tests are performed, one covering 2.5V ≤ VIN ≤ VO(NOM)+1V and the other test for VO(NOM)+1V ≤ VIN ≤ 30V. Note 14: Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal reference voltage measured atVIN = VO(NOM) + 1V. To express these thresholds in terms of output voltage change, multiply by the Error amplifier gain, which is VOUT/VREF = (R1 + R2)/R2(refer to Figure 4). Note 15: Human body model, 200 pF discharged through 1.5 k Ω. Note 16: Drive Shutdown pin with TTL or CMOS-low level to shut regulator OFF, high level to turn regulator ON. Note 17: A military RETS specification is available upon request. For more information on military products, please refer to the Mil-Aero web page at http://www.national.com/appinfo/milaero/index.html. www.national.com 6 |