công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK6005F bảng dữ liệu(PDF) 13 Page - List of Unclassifed Manufacturers

tên linh kiện STK6005F
Giải thích chi tiết về linh kiện  converting PC / Mac video images for a TFT-LCD display monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK6005F bảng dữ liệu(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STK6005F Datasheet HTML 9Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 10Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 11Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 12Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 13Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 14Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 15Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 16Page - List of Unclassifed Manufacturers STK6005F Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
STK6005
the VGAHS or CSync signals for the external ADC H-Sync input. And suitable coast and clamp signals are
also generated for external ADC.
5.6 Definition of Input / Output Window
The input capture window is defined by the internal registers: HBP, HDISP, VBP, and VDISP (if SelDE
is set to 0). The timing of inputs are referred to the leading edge of input H-Sync and V-Sync. The
horizontal timing is counted in the number of VCLKs and the vertical timing exists in input display lines.
VBP
VDISP
Input Sampling Area
IVT
HBP
HDISP
IHT
Input window diagram
Back to Contents Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36