| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMP9317S bảng dữ liệu(PDF) 5 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMP9317S bảng dữ liệu(HTML) 5 Page - Summit Microelectronics, Inc. |
|
5 / 6 page ![]() SMP9317 5 2031-04 12/4/98 INC INC INC INC INC CS CS CS CS CS UP/ DN DN DN DN DN Operation HITOLO L H VOUT toward VH HITOLO L L VOUT toward VL HLOTOHI X Store Setting LLOTOHI X Maintain Setting, NO Store X H X Standby, note 1 Notes: 1. The Standby or operating current will be lowest with INC and UP/DN pins at H as there are weak internal pull-ups that draw current when connected LO. 2031 PGM T5.1 OPERATIONAL TRUTH TABLE Symbol Parameter Min Max Units tCLIL CS to INC Setup 100 ns tIHDC INC High to UP/DN Change 100 ns tDCIL UP/ DN to INC Setup 100 ns tIL INC Low Period 200 ns tIH INC High Period 200 ns tIHCH INC Inactive to CS Inactive 100 ns tWP Write Cycle Time 5 ms tILVOUT INC to VOUT Delay 5 µs 2031 PGM T6.0 AC TIMING CHARACTERISTICS AC TIMING DIAGRAM tCLIL tIL tIHDC tIH tDCIL tIHCH tWP tILVOUT CS INC UP/DN VOUT 2031 ILL3.1 |