| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2953IN-3.3 bảng dữ liệu(PDF) 17 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2953IN-3.3 bảng dữ liệu(HTML) 17 Page - National Semiconductor (TI) |
|
17 / 22 page ![]() Typical Applications (Continued) 5V Regulator with Error Flags for LOW BATTERY and OUT OF REGULATION 01112718 * Connect to Logic or µP control inputs. LOW BATT flag warns the user that the battery has discharged down to about 5.8V, giving the user time to recharge the battery or power down some hardware with high power requirements. The output is still in regulation at this time. OUT OF REGULATION flag indicates when the battery is almost completely discharged, and can be used to initiate a power-down sequence. 5V Battery Powered Supply with Backup and Low Battery Flag 01112719 The circuit switches to the NI-CAD backup battery when the main battery voltage drops below about 5.6V, and returns to the main battery when its voltage is recharged to about 6V. The 5V MAIN output powers circuitry which requires no backup, and the 5V MEMORY output powers critical circuitry which can not be allowed to lose power. * The BATTERY LOW flag goes low whenever the circuit switches to the NI-CAD backup battery. www.national.com 17 |