| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P89C52X2BA bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C52X2BA bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 48 page ![]() Philips Semiconductors Preliminary data P89C51X2/52X2/54X2/58X2 80C51 8-bit Flash microcontroller family 4K/8K/16K/32K Flash 2002 Jun 06 4 P89C51X2 ORDERING INFORMATION (4 KBYTE FLASH) Type number Package Temperature R( °C) Name Description Version Range ( °C) P89C51X2BA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 0 to +70 P89C51X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P89C51X2BBD LQFP44 plastic low profile quad flat package; 44 leads SOT389-1 0 to +70 P89C51X2FA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 –40 to +85 P89C52X2 ORDERING INFORMATION (8 KBYTE FLASH) Type number Package Temperature R( °C) Name Description Version Range ( °C) P89C52X2BA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 0 to +70 P89C52X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P89C52X2BBD LQFP44 plastic low profile quad flat package; 44 leads SOT389-1 0 to +70 P89C52X2FA PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 –40 to +85 P89C52X2FN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 –40 to +85 P89C52X2FBD LQFP44 plastic low profile quad flat package; 44 leads SOT389-1 –40 to +85 P89C54X2 ORDERING INFORMATION (16 KBYTE FLASH) Type number Package Temperature R( °C) Name Description Version Range ( °C) P89C54X2BA PLCC44 plastic lead chip carrier; 44 leads SOT187-2 0 to +70 P89C54X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P89C54X2BBD LQFP44 plastic low profile quad flat package; 44 leads SOT389-1 0 to +70 P89C54X2FA PLCC44 plastic lead chip carrier; 44 leads SOT187-2 –40 to +85 P89C58X2 ORDERING INFORMATION (32 KBYTE FLASH) Type number Package Temperature R( °C) Name Description Version Range ( °C) P89C58X2BA PLCC44 plastic lead chip carrier; 44 leads SOT187-2 0 to +70 P89C58X2BN DIP40 plastic dual in-line package; 40 leads (600 mil) SOT129-1 0 to +70 P89C58X2BBD LQFP44 plastic low profile quad flat package; 44 leads SOT389-1 0 to +70 P89C58X2FA PLCC44 plastic lead chip carrier; 44 leads SOT187-2 –40 to +85 |