| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NCS2200SQLT1 bảng dữ liệu(PDF) 10 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCS2200SQLT1 bảng dữ liệu(HTML) 10 Page - ON Semiconductor |
|
10 / 18 page ![]() NCS2200 Series http://onsemi.com 10 Figure 19. Schmitt Trigger Oscillator VCC OUT IN (+) IN (−) EN Rx Cx NCS 2201 VO R2 R1 f + 1T + 1 2.2 RxCx The oscillation frequency can be programmed as follows: VCC OUT IN (+) IN (−) EN VO IN (+) IN (−) NCS 2201 R1 1 M 1 M R2 100 pF t0 R3 C1 VCC t0 t1 0 The resistor divider R1 and R2 can be used to set the magnitude of the input pulse. The pulse width is set by adjusting C1 and R3. Figure 20. One−Shot Multivibrator |