công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS2PH5 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện SS2PH5
Giải thích chi tiết về linh kiện  Ideal for automated placement
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2PH5 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  SS2PH5 Datasheet HTML 1Page - Vishay Siliconix SS2PH5 Datasheet HTML 2Page - Vishay Siliconix SS2PH5 Datasheet HTML 3Page - Vishay Siliconix SS2PH5 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS2PH5, SS2PH6
www.vishay.com
Vishay General Semiconductor
Revision: 28-Jan-15
1
Document Number: 87741
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount Schottky Barrier Rectifier
High Barrier Technology for Improved High Temperature Performance
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters and polarity protection in
commercial, industrial, and automotive applications
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
Note
(1) Free air, mounted on recommended copper pad area
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
50 V, 60 V
IFSM
50 A
VF at IF = 2.0 A (TA = 125 °C)
0.59 V
TJ max.
175 °C
Package
DO-220AA (SMP)
Diode variations
Single die
DO-220AA (SMP)
eSMP
® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2PH5
SS2PH6
UNIT
Device marking code
2H5
2H6
Maximum repetitive peak reverse voltage
VRRM
50
60
V
Maximum average forward rectified current (fig. 1)
IF(AV) (1)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1.0 A
TA = 25 °C
VF (1)
0.63
-
V
IF = 2.0 A
0.72
0.80
IF = 1.0 A
TA = 125 °C
0.52
-
IF = 2.0 A
0.59
0.70
Reverse current at rated VR
TA = 25 °C
IR (2)
0.2
2.0
μA
TA = 125 °C
0.13
1.0
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
93
-
pF


Số phần tương tự - SS2PH5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SS2PH5 VISHAY-SS2PH5 Datasheet
103Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
SS2PH5 VISHAY-SS2PH5_V01 Datasheet
103Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifier
08-Mar-2022
More results

Mô tả tương tự - SS2PH5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
SVC10120VB PANJIT-SVC10120VB Datasheet
149Kb / 5P
Ideal for automated placement
SVM1560UB PANJIT-SVM1560UB Datasheet
175Kb / 5P
Ideal for automated placement
logo
Vishay Siliconix
SE40PB VISHAY-SE40PB Datasheet
99Kb / 5P
Ideal for automated placement
10-Dec-14
SE70PB VISHAY-SE70PB Datasheet
100Kb / 5P
Ideal for automated placement
10-Jul-15
SS3H9-M3 VISHAY-SS3H9-M3 Datasheet
91Kb / 4P
Ideal for automated placement
09-Dec-13
SS12-M3 VISHAY-SS12-M3 Datasheet
96Kb / 4P
Ideal for automated placement
04-Aug-15
V8P8-M3 VISHAY-V8P8-M3 Datasheet
96Kb / 5P
Ideal for automated placement
04-May-15
V12P45-M3 VISHAY-V12P45-M3 Datasheet
95Kb / 5P
Ideal for automated placement
05-May-15
VSSAF3N50 VISHAY-VSSAF3N50 Datasheet
110Kb / 5P
Ideal for automated placement
24-Jul-14
logo
Shanghai Leiditech Elec...
LMKAK10 LEIDITECH-LMKAK10 Datasheet
526Kb / 4P
Ideal for automated placement
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com