công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VS-12TQ035PbF bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện VS-12TQ035PbF
Giải thích chi tiết về linh kiện  Schottky Rectifier, 15 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-12TQ035PbF bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  VS-12TQ035PbF Datasheet HTML 1Page - Vishay Siliconix VS-12TQ035PbF Datasheet HTML 2Page - Vishay Siliconix VS-12TQ035PbF Datasheet HTML 3Page - Vishay Siliconix VS-12TQ035PbF Datasheet HTML 4Page - Vishay Siliconix VS-12TQ035PbF Datasheet HTML 5Page - Vishay Siliconix VS-12TQ035PbF Datasheet HTML 6Page - Vishay Siliconix VS-12TQ035PbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-12TQ...PbF Series, VS-12TQ...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 25-Aug-11
1
Document Number: 94137
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 15 A
FEATURES
• 150 °C TJ operation
• Very low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical strength
and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
The VS-12TQ... Schottky rectifier series has been optimized
for very low forward voltage drop, with moderate leakage.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
Package
TO-220AC
IF(AV)
15 A
VR
35 V, 40 V, 45 V
VF at IF
0.50 V
IRM max.
70 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
16 mJ
Anode
1
3
Cathode
Base
cathode
2
TO-220AC
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
15
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 μs sine
990
A
VF
15 Apk, TJ = 125 °C
0.50
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-
12TQ035PbF
VS-
12TQ035-N3
VS-
12TQ040PbF
VS-
12TQ040-N3
VS-
12TQ045PbF
VS-
12TQ045-N3
UNITS
Maximum DC reverse
voltage
VR
35
35
40
40
45
45
V
Maximum working peak
reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 120 °C, rectangular waveform
15
A
Maximum peak one cycle non-repetitive
surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
990
10 ms sine or 6 ms rect. pulse
250
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2.4 A, L = 5.5 mH
16
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2.4
A


Số phần tương tự - VS-12TQ035PbF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
VS-12TQ035PBF VISHAY-VS-12TQ035PBF Datasheet
167Kb / 8P
Schottky Rectifier
25-Aug-11
More results

Mô tả tương tự - VS-12TQ035PbF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
12TQPBF VISHAY-12TQPBF Datasheet
121Kb / 6P
Schottky Rectifier, 15 A
05-Jun-08
12TQS VISHAY-12TQS Datasheet
114Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
12TQSPBF VISHAY-12TQSPBF Datasheet
114Kb / 6P
Schottky Rectifier, 15 A
26-May-08
15TQ060 VISHAY-15TQ060 Datasheet
113Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
15TQ060S VISHAY-15TQ060S Datasheet
106Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
12TQ035SPBF VISHAY-12TQ035SPBF_10 Datasheet
112Kb / 6P
Schottky Rectifier, 15 A
12-Mar-10
15TQ060PBF VISHAY-15TQ060PBF Datasheet
143Kb / 7P
Schottky Rectifier, 15 A
17-Apr-08
VS-12TQ035SPBF VISHAY-VS-12TQ035SPBF Datasheet
158Kb / 8P
Schottky Rectifier, 15 A
12-Mar-10
VS-15TQ060SPBF VISHAY-VS-15TQ060SPBF Datasheet
148Kb / 8P
Schottky Rectifier, 15 A
12-Mar-10
VS-12TQPBF VISHAY-VS-12TQPBF_V01 Datasheet
135Kb / 7P
Schottky Rectifier, 15 A
25-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com