| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
YMF721 bảng dữ liệu(PDF) 31 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
YMF721 bảng dữ liệu(HTML) 31 Page - LSI Computer Systems |
|
31 / 41 page ![]() YMF721 July 10, 1997 - 31 - c) Data Entry This is a message to set control parameter data designated by RPN (Registered Parameter Number). Refer i) RPN for the relation between the parameter of RPN and the setting data. Control No. Parameter Data range 6 Data Entry MSB 0 to 127 38 Data Entry LSB 0 to 127 d) Main Volume This is a message to control the volume of each part (MIDI channel). Control No. Parameter Data range 7 Main Volume 0 to 127 e) Pan This is a message to control the sound position of each part. Control No. Parameter Data range 10 Panpot 0 to 127 0 : left, 64 : center, 127 : right f) Expression This is a message to control the volume of each part during playing sound. Control No. Parameter Data range 11 Expression 0 to 127 g) Hold This is a message to control the sustain pedal. When “Hold ON” is received, sound is kept playing even if “Note OFF” is received. Control No. Parameter Data range 64 Hold 0 to 127 0 to 63 : OFF, 64 to 127 : ON h) Sostenuto This is a message to control the sostenuto pedal. When “Sostenuto ON” is received during playing sound, sound is kept playing until “OFF” is received. Control No. Parameter Data range 66 Sostenuto 0 to 63, 64 to 127 0 to 63 : OFF, 64 to 127 : ON |