công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38C83M4-XXXFP bảng dữ liệu(PDF) 47 Page - Mitsubishi Electric Semiconductor

tên linh kiện M38C83M4-XXXFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C83M4-XXXFP bảng dữ liệu(HTML) 47 Page - Mitsubishi Electric Semiconductor

Back Button M38C83M4-XXXFP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38C83M4-XXXFP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38C83M4-XXXFP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38C83M4-XXXFP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38C83M4-XXXFP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38C83M4-XXXFP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38C83M4-XXXFP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38C83M4-XXXFP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38C83M4-XXXFP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
47
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to
change.
twH(SCLK)
twL(SCLK)
td(SCLK-TxD)
tV(SCLK-TxD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
twH(SCLK)
twL(SCLK)
td(SCLK-TxD)
tV(SCLK-TxD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Limits
Parameter
Min.
tc(SCLK)/2–30
tc(SCLK)/2–30
–30
Typ.
10
10
Max.
140
30
30
30
30
Symbol
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Notes 1: When the P45/TxD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2: The XOUT and XCOUT pins are excluded.
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
(Note 1)
Serial I/O output valid time
(Note 1)
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time
(Note 2)
CMOS output falling time
(Note 2)
Table 19 Switching characteristics 1 (Vcc = 4.0 to 5.5 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Min.
tC(SCLK)/2–50
tC(SCLK)/2–50
–30
Typ.
20
20
Max.
350
50
50
50
50
Symbol
Unit
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
(Note 1)
Serial I/O output valid time
(Note 1)
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time
(Note 2)
CMOS output falling time
(Note 2)
Table 20 Switching characteristics 2 (Vcc = 2.2 to 4.0 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Notes 1: When the P45/TxD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2: The XOUT and XCOUT pins are excluded.
Fig. 41 Circuit for measuring output switching characteristics
Measurement output pin
100 pF
CMOS output
Note: When bit 4 of the UART control register
(address 001B16) is “1”. (N-channel open-
drain output mode)
N-channel open-drain output (Note)
1 k
Ω
100 pF
Measurement output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com