công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA58-WB bảng dữ liệu(PDF) 1 Page - Laird Tech Smart Technology

tên linh kiện SA58-WB
Giải thích chi tiết về linh kiện  Type N female integrated connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SA58-WB bảng dữ liệu(HTML) 1 Page - Laird Tech Smart Technology

  SA58-WB Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5470-5850 MHz VERTICALLY POLARIZED SECTOR ANTENNA
The vertically polarized sector antenna systems offered by Laird are constructed of UV stable ABS plastic radomes
and die-cast aluminum brackets for long service life in the most demanding conditions.The antennas are DC
grounded for lightning/ESD protection.The super heavy duty bracket system is easy to install and adjust for up to 15°
of downtilt.The single bracket system allows for easy deployment of multiple sectors on a single pole.
FEATURES
• High gain 16 dBi and 17 dBi in a small form factor
• Vertically polarized, wide-band operation
• Type N female integrated connector
• Completely weatherproof
• Easy to use tilt bracket
SA58-WB
Vertically Polarized Sector Antennas
PARAMETER
Frequency range
SA58-120-16-WB
5470 - 5850 MHz
SA58-90-17-WB
5470 - 5850 MHz
VSWR
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
Input power
100 W
100 W
Pole diameter (OD)
1.5 - 3 in (38 - 76 mm) 1.5 - 3 in (38 - 76 mm)
Gain
16 dBi
17 dBi
Horizontal beamwidth
120°
90°
Vertical beamwidth
Polarization
Vertical
Vertical
Front-to-back
>21 dB
>23 dB
Mechanical downtilt
15°
15°
Weight
2.6 lbs (1.2 kg)
2.6 lbs (1.2 kg)
Dimensions (L x W x H)
21.5 x 5 x 2.8 in
(545 x 125 x 71 mm)
21.5 x 5 x 2.8 in
(545 x 125 x 71 mm)
MARKETS
• 5.8 GHz U-NII band applications
• Base station antennas
• Point to multi-point systems
• 802.11a applications
• WiMAX
ANT-DS-SA58-WB 0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or
suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are sold
pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird,
Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
WIND LOADING
MODEL SQ. IN 100 MPH 125 MPH
SA58-WB
110
27.5 lb
43 lb
SYSTEM ORDERING
5470 - 5850 MHz 120°, 16 dBi, VPOL sector antenna
SA58-120-16-
WB
SA58-90-17-WB
5470 - 5850 MHz 90°, 17 dBi, VPOL sector antenna
SA58-120-16-WB
ANTENNA PATTERNS
SA58-90-17-WB
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Số phần tương tự - SA58-WB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
SA58 PANJIT-SA58 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA58 WTE-SA58 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA58 BYTES-SA58 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA58 DCCOM-SA58 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA58 EIC-SA58 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - SA58-WB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Laird Tech Smart Techno...
SA24 LSTD-SA24 Datasheet
875Kb / 1P
Type N female integrated connector
OD58-12 LSTD-OD58-12 Datasheet
959Kb / 1P
Type N female integrated bulkhead connector
ODH24-13 LSTD-ODH24-13 Datasheet
792Kb / 1P
Type N female integrated connector
ODH24-9-WB LSTD-ODH24-9-WB Datasheet
801Kb / 1P
Type N female integrated connector
OD24 LSTD-OD24 Datasheet
1Mb / 1P
Type N female integrated bulkhead connector
SA24WB LSTD-SA24WB Datasheet
1Mb / 1P
Type N female integrated connector
OD24-7D5 LSTD-OD24-7D5 Datasheet
1Mb / 1P
Type N female integrated bulkhead connector
SAH35 LSTD-SAH35 Datasheet
1Mb / 1P
Type N female integrated connector
SA49 LSTD-SA49 Datasheet
1Mb / 1P
Type N female integrated connector
SAH9-120-12 LSTD-SAH9-120-12 Datasheet
507Kb / 1P
Type N female integrated connector standard
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com