công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6412 bảng dữ liệu(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6412
Giải thích chi tiết về linh kiện  Signal Processor
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6412 bảng dữ liệu(HTML) 81 Page - Texas Instruments

Back Button TMS320C6412 Datasheet HTML 77Page - Texas Instruments TMS320C6412 Datasheet HTML 78Page - Texas Instruments TMS320C6412 Datasheet HTML 79Page - Texas Instruments TMS320C6412 Datasheet HTML 80Page - Texas Instruments TMS320C6412 Datasheet HTML 81Page - Texas Instruments TMS320C6412 Datasheet HTML 82Page - Texas Instruments TMS320C6412 Datasheet HTML 83Page - Texas Instruments TMS320C6412 Datasheet HTML 84Page - Texas Instruments TMS320C6412 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 159 page
background image
Terminal Functions
81
April 2003 − Revised June 2004
SPRS219D
Table 2−10. Terminal Functions
SIGNAL
†
IPD/
NAME
GDK/
GNZ
TYPE†
IPD/
IPU‡
DESCRIPTION
GROUND PINS
A1
A3
A6
A8
A12
A14
A19
A22
A26
B3
B6
B7
B13
B19
C2
VSS
C4
GND
Ground pins
VSS
C13
GND
Ground pins
C18
C23
D1
D2
D5
D13
D18
D22
D24
E3
E6
E9
E16
E18
E21
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
¶ PLLV is not part of external voltage supply. See the Clock PLL section for information on how to connect this pin.
# A = Analog signal (PLL Filter)
|| The EMU0 and EMU1 pins are internally pulled up with 30-kΩ resistors; therefore, for emulation and normal operation, no external
pullup/pulldown resistors are necessary. However, for boundary scan operation, pull down the EMU1 and EMU0 pins with a dedicated 1-k
Ω
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com