công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5076 bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện TAS5076
Giải thích chi tiết về linh kiện  SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TAS5076 bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button TAS5076 Datasheet HTML 30Page - Texas Instruments TAS5076 Datasheet HTML 31Page - Texas Instruments TAS5076 Datasheet HTML 32Page - Texas Instruments TAS5076 Datasheet HTML 33Page - Texas Instruments TAS5076 Datasheet HTML 34Page - Texas Instruments TAS5076 Datasheet HTML 35Page - Texas Instruments TAS5076 Datasheet HTML 36Page - Texas Instruments TAS5076 Datasheet HTML 37Page - Texas Instruments TAS5076 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Serial Control Interface Register Definitions
28
SLES090A—November 2003—Revised January 2004
TAS5076
3.2
Error Status Register (0x01)
Table 3−3. Error Status Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
−
−
−
−
−
−
−
FS error has occurred
−
1
−
−
−
−
−
−
Control pin change has occurred
−
−
−
1
−
−
−
−
LRCLK error
−
−
−
−
1
−
−
−
MCLK_IN count error
−
−
−
−
−
1
−
−
DCLK phase error with respect to MCLK_IN
−
−
−
−
−
−
1
−
MCLK_IN phase error with respect to DCLK
−
−
−
−
−
−
−
1
PWM timing error
0
0
0
0
0
0
0
0
No errors—no control pins changed (see Note 1)
NOTE 1: Write 00h to clear error indications in error status register.
3.3
System Control Register 0 (0x02)
Table 3−4. System Control Register 0
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
−
−
−
−
−
−
Normal mode (in slave mode—quad speed detected if MCLK_IN = 128 Fs)
0
1
−
−
−
−
−
−
Double speed
1
0
−
−
−
−
−
−
Quad speed
1
1
−
−
−
−
−
−
Illegal
−
−
0
−
−
−
−
−
Use de-emphasis pin controls
−
−
1
−
−
−
−
−
Use de-emphasis I2C controls
−
−
−
0
0
−
−
−
No de-emphasis
−
−
−
0
1
−
−
−
De-emphasis for Fs = 32 kHz
−
−
−
1
0
−
−
−
De-emphasis for Fs = 44.1 kHz
−
−
−
1
1
−
−
−
De-emphasis for Fs = 48 kHz
−
−
−
−
−
0
0
0
16 bit, MSB first; right justified
−
−
−
−
−
0
0
1
20 bit, MSB first; right justified
−
−
−
−
−
0
1
0
24 bit, MSB first; right justified
−
−
−
−
−
0
1
1
16-bit I2S
−
−
−
−
−
1
0
0
20-bit I2S
−
−
−
−
−
1
0
1
24-bit I2S
−
−
−
−
−
1
1
0
16-bit MSB first
−
−
−
−
−
1
1
1
16-bit DSP frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com