công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEX9765 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện PEX9765
Giải thích chi tiết về linh kiện  Managed PCI Express Switches Based on ExpressFabric Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX9765 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  PEX9765 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX9765 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX9765 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Brief
|
2
TunneledWindow Connection (TWC)
The DMA or TWC approaches are two ways hosts can communicate. TWC allows short messages to
be sent from one host to another in a very low latency manner, and without the overhead associated
with DMA.
Downstream Port Containment (DPC/eDPC)
Most servers have difficulty handling serious errors, especially when a PCIe end-point disappears
from the system. DPC/eDPC allows a downstream link to be disabled after an uncorrectable error,
making recovery possible in a controlled and robust manner.
FlexibleTopologies
PEX9700 switches eliminate the topology restrictions of PCIe. The switch allows other topologies
such as mesh, I/O Expansion Box with Multiple Hosts, and many others. And it does this while
allowing the components to remain architecturally and software compatible with standard PCIe.
Improved SSC Isolation
The switches offer several mechanisms for supporting multi-clock domains that include spread
spectrum clocking; eliminating the need to pass a common clock across a backplane. In addition to
the standard Avago approach to the problem, a new PCI-SIG approach called SRIS (Separate Refclk
Independent SSC Architecture) is now available.
Applications
Products based on ExpressFabric technology can help deliver an outstanding solution for designing
a heterogeneous system with a requirement for a flexible mix of processors, storage elements, and
communication devices.
HPC Clusters
HPC clusters are made up of high-performance processing elements that communicate through
high bandwidth, low latency pathways in order to execute applications such as medical imaging,
financial trading, data warehousing, etc. PEX9700 switches can be used in switch fabric applications
for HPC clustering. The processing subsystems can be connected to the PCIe fabric while running
the same application software. PCIe switch based clustering eliminates expensive protocol bridging
devices resulting in lower cost and power. And clustering systems can be built with I/O sharing as
an additional native capability when needed.
Software Development Kit (SDK)
The SDK for the PEX9700 series includes drivers, source code and GUI interfaces to aid in configuring
and debugging. Both the performancePAK™ and visionPAK™ are exclusive to Avago and are
supported by its RDK and SDK, which are the industry’s most advanced hardware-and software
development kits.
performancePAK
The performancePAK is a suite of unique and innovative performance features that allows Avago
Gen 3 switches to be the highest performing switches in the market today.
visionPAK
The visionPAK is a debug diagnostics suite of integrated hardware and software instruments that
allows users to help bring their systems to market faster.
Key Advantages (continued)
■
n
Quality of Service (QoS)
– 8 Traffic Classes (TC) supported
■
n
Reliability, Availability, Serviceability
– visionPAK™
– performance PAK™
– DPC/eDPC Support
– Read Tracking for surprise removal
– All ports Hot-Plug capable thru
I2C –SSC isolation on all ports
– SRIS support
– ECRC and Poison bit support
– Port Status bits and GPIO available



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com