| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMX2354SLB bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX2354SLB bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 23 page ![]() Absolute Maximum Ratings (Notes 1, 2) Parameter Symbol Value Units Min Typ Max Power Supply Voltage V CCRF −0.3 6.5 V V CCIF −0.3 6.5 V Vp RF −0.3 6.5 V Vp IF −0.3 6.5 V Voltage on any pin with GND = 0V Vi −0.3 V CC + 0.3 V Storage Temperature Range Ts −65 +150 C˚ Lead Temperature (Solder 4 sec.) T L +260 C˚ Recommended Operating Conditions Parameter Symbol Value Units Min Typ Max Power Supply Voltage V CCRF 2.7 5.5 V V CCIF V CCRF V CCRF V V pRF V CC 5.5 V V pIF V CC 5.5 V Operating Temperature T A −40 +85 ˚C Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Note 2: This Device is a high performance RF integrated circuit with an ESD rating < 2kV and is ESD sensitive. Handling and assembly of this device should only be done at ESD-free workstations. Electrical Characteristics (V ccRF=VccIF=VPRF=VPIF= 3.0V; −40˚C < TA< +85˚C except as specified) All min/max specifications are guaranteed by design, or test, or statistical methods. Symbol Parameter Conditions Value Units Min Typ Max GENERAL I CC Power Supply Current RF and IF 6.0 8.5 mA IF Only 1.1 2.0 mA I CC-PWDN Power Down Current RF_EN = IF_EN = LOW 20 50 µA f in RF RF Operating Frequency 0.5 2.5 GHz f in IF IF Operating Frequency 10 550 MHz f OSC Oscillator Frequency No load on OSC RF 2 50 MHz f φ Phase Detector Frequency RF and IF 10 MHz Pf in RF RF Input Sensitivity V CC = 3.0V −15 0 dBm V CC = 5.0V −10 0 dBm Pf in IF IF Input Sensitivity 2.7V ≤ V CC ≤ 5.5V −10 0 dBm V OSC Oscillator Sensitivity OSC IF, OSCRF 0.5 V CC V PP CHARGE PUMP ICPo- source RF RF Charge Pump Output Current (see Programming Description 3.2.2) VCPo Vp/2, RF_CP_WORD = 0000 −100 µA ICPo- sink RF VCPo = Vp/2, RF_CP_WORD = 0000 100 µA ICPo- source RF VCPo = Vp/2, RF_CP_WORD = 1111 −1.6 mA ICPo- sink RF VCPo = Vp/2, RF_CP_WORD = 1111 1.6 mA www.national.com 4 |