| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACPL-38JT bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-38JT bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 33 page ![]() 2 Typical Fault Protected IGBT Gate Drive Circuit The ACPL-38JT is an easy-to-use, intelligent gate driver which makes IGBT VCE fault protection compact, affordable, and easy-to-implement. Features such as user configurable inputs, integrated VCE detection, under voltage lockout (UVLO), “soft” IGBT turn-off and isolated fault feedback provide maximum design flexibility and circuit protection. Micro-Controller Boundary Isolation Boundary Isolation Boundary Isolation Boundary Isolation Boundary Isolation Boundary Isolation Boundary Isolation M DC-DC Converter Battery M M Battery Battery FAULT Typical Application Block Diagram of a motor control system. Ordering Information ACPL-38JT is UL Recognized with 5000 Vrms for 1 minute per UL1577. Part Number RoHS Compliant Package Surface Mount Tape & Reel Quantity ACPL-38JT -000E SO-16 X 45 per tube -500E X X 850 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-38JT-500E to order product of SO-16 Surface Mount RoHS compliant package in Tape and Reel packaging. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |